| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5215 Fiches technique(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5215 Fiches technique(HTML) 18 Page - ams AG |
|
18 / 24 page ![]() www.austriamicrosystems.com/AS5215 Revision 1.9 18 - 24 AS5215 Data Sheet - A p p l i c a t i o n I n f o r m a t i o n 8.4 Waveform – Digital Interface at Normal Operation Mode Figure 14. Digital Interface at Normal Operation Mode 8.5 Waveform – Digital Interface at Extended Mode In the extended mode, the digital interface needs four clocks for one data bit. During this time, the device is able to handle internal signals for special access (e.g. the easy zap interface). Figure 15. Digital Interface at Extended Mode DCLK CS DIO DIO D15 D13 D14 D0 CMD_PHASE DATA_PHASE t1_3 t9_3 t2_3 t5 t7 t8 t4 t3 t6 t10_3 t13_3 t12 t11 DIO CMD READ WRITE CMD4 CMD3 CMD2 CMD1 CMD0 D15 D13 D14 D0 DCLK CS DIO DIO CMD4 CMD3 CMD2 CMD1 CMD0 D45 D44 D45 D44 D0 D0 CMD_PHASE DATA_PHASE t1_3 t9_3 t2_3 t5 t7 t8 t4 t3 t6 t10_3 t13_3 t12 t11 DIO CMD READ WRITE |