Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5215 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Fiches technique(HTML) 13 Page - ams AG

Back Button AS5215_1 Datasheet HTML 9Page - ams AG AS5215_1 Datasheet HTML 10Page - ams AG AS5215_1 Datasheet HTML 11Page - ams AG AS5215_1 Datasheet HTML 12Page - ams AG AS5215_1 Datasheet HTML 13Page - ams AG AS5215_1 Datasheet HTML 14Page - ams AG AS5215_1 Datasheet HTML 15Page - ams AG AS5215_1 Datasheet HTML 16Page - ams AG AS5215_1 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
13 - 24
AS5215
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 9. Magnetic Field Lines in Plastic or Copper Shaft
If the magnet is mounted in non-magnetic material, such as plastic or diamagnetic material, such as copper, the magnetic field distribution is not
disturbed. Even paramagnetic material, such as aluminium may be used. The magnet may be mounted directly in the shaft (see Figure 9).
Note:
Stainless steel may also be used, but some grades are magnetic. Therefore, steel with magnetic grades should be avoided.
Figure 10. Magnetic Field Lines in Iron Shaft
If the magnet is mounted in a ferromagnetic material, such as iron, most of the field lines are attracted by the iron and flow inside the metal shaft
(see Figure 10). The magnet is weakened substantially.
This configuration should be avoided!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24