| Moteur de recherche de fiches techniques de composants électroniques |
|
BA4580RFVM Fiches technique(PDF) 29 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4580RFVM Fiches technique(HTML) 29 Page - Rohm |
|
29 / 49 page ![]() Technical Note 29/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data BA8522R family (*)The above data is ability value of sample, it is not guaranteed. 0 2 4 6 8 10 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [℃] 0 200 400 600 800 1000 0 25 50 75 100 125 AMBIENT TEMPERATURE [℃] 0 2 4 6 8 10 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 0 5 10 15 20 25 30 0.1 1 10 LOAD RESISTANCE [kΩ] -20 -15 -10 -5 0 5 10 15 20 0.1 1 10 LOAD RESISTANCE [kΩ] Derating Curve -6 -4 -2 0 2 4 6 ±0 ±5 ±10 ±15 ±20 SUPPLY VOLTAGE [V] -40℃ 105℃ 25℃ 0 20 40 60 80 100 -50 -250 255075 100 125 AMBIENT TEMPERATURE [℃] ±15V ±7.5V ±2V VOH BA8522R family 25℃ 105℃ BA8522R family Supply Current - Supply Voltage -40℃ Supply Current - Ambient Temperature BA8522R family ±2 V ±15V ±7.5 V -10 -5 0 5 10 ±0 ±2 ±4 ±6 ±8 ±10 SUPPLY VOLTAGE [V] VOH -20 -15 -10 -5 0 5 10 15 20 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [℃] VOH VOL VOL VOL -20 -15 -10 -5 0 5 10 15 20 0 5 10 15 20 25 OUTPUT CURRENT [mA] VOL VOH BA8522R family BA8522R family BA8522R family BA8522R family BA8522R family BA8522R family BA8522R family BA8522R family Fig. 177 Fig. 178 Fig. 179 Fig. 180 Fig. 181 Fig. 182 Fig. 183 Fig. 184 Fig. 185 Fig. 186 Fig. 187 Fig. 188 BA8522RF BA8522RFV BA8522RFVM 105 -6 -4 -2 0 2 4 6 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [℃] ±2V ±7.5V ±15V BA8522R family 0 20 40 60 80 100 ±0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] -40℃ 25℃ 105℃ Input Offset Voltage - Ambient Temperature (Vicm=0[V], Vout=0[V]) Input Bias Current - Ambient Temperature (Vicm=0[V], Vout=0[V]) Input Bias Current - Supply Voltage (Vicm=0[V], Vout=0[V]) Input Offset Voltage - Supply Voltage (Vicm=0[V], Vout=0[V]) Maximum Output Voltage - Ambient Temperature (VCC/VEE=+15[V]/-15[V], RL=2[kΩ]) Maximum Output Voltage - Output Current (VCC/VEE=+15[V]/-15[V],Ta=25[℃]) Maximum Output Voltage - Load Resistance (VCC/VEE=+15[V]/-15[V], Ta=25[℃]) Maximum Output Voltage Swing - Load Resistance (VCC/VEE=+15[V]/-15[V], Ta=25[℃]) Maximum Output Voltage - Supply Voltage (RL=2[kΩ], Ta=25[℃]) |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |