Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX15053_1107 Fiches technique(PDF) 8 Page - Maxim Integrated Products

No de pièce MAX15053_1107
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053_1107 Fiches technique(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15053_1107 Datasheet HTML 4Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 5Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 6Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 7Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 9Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 10Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 11Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
8 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
INPUT CURRENT IN SKIP MODE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
1.2
1.7
2.2
2.7
3.2
NO LOAD
VCC = 3.3V
VCC = 5.0V
CASE TEMPERATURE
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
80
60
40
20
0
-20
-20
0
20
40
60
80
100
-40
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21