Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP52 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce BCP52
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP52 Fiches technique(HTML) 6 Page - Diodes Incorporated

  BCP52 Datasheet HTML 1Page - Diodes Incorporated BCP52 Datasheet HTML 2Page - Diodes Incorporated BCP52 Datasheet HTML 3Page - Diodes Incorporated BCP52 Datasheet HTML 4Page - Diodes Incorporated BCP52 Datasheet HTML 5Page - Diodes Incorporated BCP52 Datasheet HTML 6Page - Diodes Incorporated BCP52 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BCP 51 / 52 / 53
Datasheet Number: DS35366 Rev. 2 – 2
6 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 51 / 52 / 53
Package Outline Dimensions
Suggested Pad Layout
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
—
—
4.60
e1
—
—
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions
Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
A1
A
X2
C1
C2
X1
Y2
Y1



Html Pages

1 2 3 4 5 6 7