Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AH5795 Fiches technique(PDF) 9 Page - Diodes Incorporated

No de pièce AH5795
Description  SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5795 Fiches technique(HTML) 9 Page - Diodes Incorporated

Back Button AH5795 Datasheet HTML 5Page - Diodes Incorporated AH5795 Datasheet HTML 6Page - Diodes Incorporated AH5795 Datasheet HTML 7Page - Diodes Incorporated AH5795 Datasheet HTML 8Page - Diodes Incorporated AH5795 Datasheet HTML 9Page - Diodes Incorporated AH5795 Datasheet HTML 10Page - Diodes Incorporated AH5795 Datasheet HTML 11Page - Diodes Incorporated AH5795 Datasheet HTML 12Page - Diodes Incorporated AH5795 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AH5795
SINGLE PHASE HALL EFFECT LATCH SMART
FAN MOTOR CONTROLLER
AH5795
Document number: DS35277 Rev. 1 - 2
9 of 13
www.diodes.com
August 2011
© Diodes Incorporated
Thermal Performance Characteristics
(1) TSOT23-6
TA (°C)
25
50
60
70
75
80
85
90
95
100
PD (mW)
651
521
469
417
391
365
339
313
286
260
TA (°C)
105
110
115
120
125
130
135
140
145
150
PD (mW)
234
208
182
156
130
104
78
52
26
0
(2) DFN2020C-6 (Note 11)
TA (°C)
25
50
60
70
75
80
85
90
95
100
PD (mW)
781
625
563
500
469
438
406
375
344
313
TA (°C)
105
110
115
120
125
130
135
140
145
150
PD (mW)
281
250
219
188
156
125
94
63
31
0
Notes:
11. DFN2020C-6 exposed pad soldered to minimum recommended landing pads (see Package Outline Dimension section) on a two-layer 2oz.
copper FR4 PCB (1.6mm thickness) with no thermal vias in exposed PADs or any copper flood connecting to the landing pattern of the
exposed pad.
0
100
200
300
400
500
600
700
800
900
025
50
75
100
125
150
PD (mW)
TA (°C)
Power Dissipation Curve
-40
105
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
PD (mW)
TA (°C)
Power Dissipation Curve
-40
105
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com