Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G34 Fiches technique(PDF) 8 Page - Diodes Incorporated

No de pièce 74LVC2G34
Description  DUAL BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G34 Fiches technique(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC2G34 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G34 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74LVC2G34
DUAL BUFFER
74LVC2G34
Document number: DS35165 Rev. 3 - 2
8 of 10
www.diodes.com
June 2011
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SOT26
(2) Package Type: SOT363
C
L
C
L
0.10/0.30
0.65Bsc.
1.8/2.2
"A"
Detail"A"
Gauge Plane
0.25/0.40
C
L
C
L
C
L
6x-0.42
4x-0.65
0.40/0.45
Land Pattern Recommendation
(unit:mm)
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10