Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G97 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce 74LVC1G97
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G97 Fiches technique(HTML) 3 Page - Diodes Incorporated

  74LVC1G97 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G97 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVC1G97
CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G97
Document number: DS35127 Rev. 3 - 2
3 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Logic Configurations
2-Input NAND Gate with B Input Inverted
2-Input OR Gate with A Input Inverted
Configuration 3
B
Y
A
4
3
2
5
6
1
Vcc
Y
A
B
A
B
Y
Function Selection Table
Logic Function
Configuration
2-to-1 Data Selector
1
2-input AND gate
2
2-input AND with inverted input
3,4
2-input NOR with inverted input
3,4
2-input OR
5
2-input NOR with both inputs inverted
2
1-input Inverter
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14