Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7623WPB3 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STV7623WPB3
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 19Page - STMicroelectronics STV7623WPB3 Datasheet HTML 20Page - STMicroelectronics STV7623WPB3 Datasheet HTML 21Page - STMicroelectronics STV7623WPB3 Datasheet HTML 22Page - STMicroelectronics STV7623WPB3 Datasheet HTML 23Page - STMicroelectronics STV7623WPB3 Datasheet HTML 24Page - STMicroelectronics STV7623WPB3 Datasheet HTML 25Page - STMicroelectronics STV7623WPB3 Datasheet HTML 26Page - STMicroelectronics STV7623WPB3 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Pad information
STV7623
24/27
Doc ID 018939 Rev 1
OUT<17>
-2210.0
-1145.46
51.0
51.0
OUT<18>
-2278.0
-1145.46
51.0
51.0
OUT<19>
-2346.0
-1145.46
51.0
51.0
OUT<20>
-2414.0
-1145.46
51.0
51.0
OUT<21>
-2482.0
-1145.46
51.0
51.0
OUT<22>
-2550.0
-1145.46
51.0
51.0
OUT<23>
-2618.0
-1145.46
51.0
51.0
OUT<24>
-2686.0
-1145.46
51.0
51.0
OUT<25>
-2754.0
-1145.46
51.0
51.0
OUT<26>
-2822.0
-1145.46
51.0
51.0
OUT<27>
-2890.0
-1145.46
51.0
51.0
OUT<28>
-2958.0
-1145.46
51.0
51.0
OUT<29>
-3026.0
-1145.46
51.0
51.0
OUT<30>
-3094.0
-1145.46
51.0
51.0
OUT<31>
-3162.0
-1145.46
51.0
51.0
OUT<32>
-3230.0
-1145.46
51.0
51.0
OUT<33>
-3298.0
-1145.46
51.0
51.0
OUT<34>
-3366.0
-1145.46
51.0
51.0
OUT<35>
-3434.0
-1145.46
51.0
51.0
OUT<36>
-3502.0
-1145.46
51.0
51.0
OUT<37>
-3570.0
-1145.46
51.0
51.0
OUT<38>
-3638.0
-1145.46
51.0
51.0
OUT<39>
-3706.0
-1145.46
51.0
51.0
OUT<40>
-3774.0
-1145.46
51.0
51.0
OUT<41>
-3842.0
-1145.46
51.0
51.0
OUT<42>
-3910.0
-1145.46
51.0
51.0
OUT<43>
-3978.0
-1145.46
51.0
51.0
OUT<44>
-4046.0
-1145.46
51.0
51.0
OUT<45>
-4114.0
-1145.46
51.0
51.0
OUT<46>
-4182.0
-1145.46
51.0
51.0
OUT<47>
-4250.0
-1145.46
51.0
51.0
OUT<48>
-4318.0
-1145.46
51.0
51.0
OUT<49>
-4386.0
-1145.46
51.0
51.0
OUT<50>
-4454.0
-1145.46
51.0
51.0
OUT<51>
-4522.0
-1145.46
51.0
51.0
OUT<52>
-4590.0
-1145.46
51.0
51.0
OUT<53>
-4658.0
-1145.46
51.0
51.0
OUT<54>
-4726.0
-1145.46
51.0
51.0
OUT<55>
-4794.0
-1145.46
51.0
51.0
OUT<56>
-4862.0
-1145.46
51.0
51.0
OUT<57>
-4930.0
-1145.46
51.0
51.0
OUT<58>
-4998.0
-1145.46
51.0
51.0
OUT<59>
-5066.0
-1145.46
51.0
51.0
OUT<60>
-5134.0
-1145.46
51.0
51.0
OUT<61>
-5202.0
-1145.46
51.0
51.0
OUT<62>
-5270.0
-1145.46
51.0
51.0
OUT<63>
-5338.0
-1145.46
51.0
51.0
OUT<64>
-5406.0
-1145.46
51.0
51.0
OUT<65>
-5474.0
-1145.46
51.0
51.0
OUT<66>
-5542.0
-1145.46
51.0
51.0
OUT<67>
-5610.0
-1145.46
51.0
51.0
OUT<68>
-5678.0
-1145.46
51.0
51.0
OUT<69>
-5746.0
-1145.46
51.0
51.0
OUT<70>
-5814.0
-1145.46
51.0
51.0
OUT<71>
-5882.0
-1145.46
51.0
51.0
OUT<72>
-5950.0
-1145.46
51.0
51.0
OUT<73>
-6018.0
-1145.46
51.0
51.0
OUT<74>
-6086.0
-1145.46
51.0
51.0
OUT<75>
-6154.0
-1145.46
51.0
51.0
OUT<76>
-6222.0
-1145.46
51.0
51.0
OUT<77>
-6290.0
-1145.46
51.0
51.0
OUT<78>
-6358.0
-1145.46
51.0
51.0
OUT<79>
-6426.0
-1145.46
51.0
51.0
OUT<80>
-6494.0
-1145.46
51.0
51.0
OUT<81>
-6562.0
-1145.46
51.0
51.0
OUT<82>
-6630.0
-1145.46
51.0
51.0
OUT<83>
-6698.0
-1145.46
51.0
51.0
OUT<84>
-6766.0
-1145.46
51.0
51.0
OUT<85>
-6834.0
-1145.46
51.0
51.0
OUT<86>
-6902.0
-1145.46
51.0
51.0
OUT<87>
-6970.0
-1145.46
51.0
51.0
OUT<88>
-7038.0
-1145.46
51.0
51.0
OUT<89>
-7106.0
-1145.46
51.0
51.0
OUT<90>
-7174.0
-1145.46
51.0
51.0
OUT<91>
-7242.0
-1145.46
51.0
51.0
OUT<92>
-7310.0
-1145.46
51.0
51.0
OUT<93>
-7378.0
-1145.46
51.0
51.0
OUT<94>
-7446.0
-1145.46
51.0
51.0
OUT<95>
-7514.0
-1145.46
51.0
51.0
OUT<96>
-7582.0
-1145.46
51.0
51.0
OUT<97>
-7650.0
-1145.46
51.0
51.0
OUT<98>
-7718.0
-1145.46
51.0
51.0
OUT<99>
-7786.0
-1145.46
51.0
51.0
OUT<100>
-7854.0
-1145.46
51.0
51.0
OUT<101>
-7922.0
-1145.46
51.0
51.0
OUT<102>
-7990.0
-1145.46
51.0
51.0
OUT<103>
-8058.0
-1145.46
51.0
51.0
OUT<104>
-8126.0
-1145.46
51.0
51.0
OUT<105>
-8194.0
-1145.46
51.0
51.0
OUT<106>
-8262.0
-1145.46
51.0
51.0
OUT<107>
-8330.0
-1145.46
51.0
51.0
OUT<108>
-8398.0
-1145.46
51.0
51.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27