Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL561 Fiches technique(PDF) 2 Page - Sharp Corporation

No de pièce GL561
Description  Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL561 Fiches technique(HTML) 2 Page - Sharp Corporation

  GL561 Datasheet HTML 1Page - Sharp Corporation GL561 Datasheet HTML 2Page - Sharp Corporation GL561 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
880
920
960
20
0
40
60
80
100
100
0
20
40
60
80
120
0
25
100
50
75 85
100
10 -3
10
10 -2
10 -1
0
255075
100
975
950
925
900
0
255075
100
140
60
120
100
80
40
500
50
0
100
10
5
0
0.5
1.0
1.5
2.0
2.5
25˚C
0˚C
75˚C
50˚C
-25
IF = 5mA
IF = const.
-25
- 25˚C
-25
IF = const.
Ta = 25˚C
Ta= 25˚C
10000
1000
1000
1000
1040
1080
1
Fig. 1 Forward Current vs. Ambient Temperature
Fig. 3 Spectral Distribution
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
Fig. 5 Forward Current vs. Forward Voltage
Fig. 6 Relative Forward Voltage vs. Ambient
Temperature
Duty ratio
Pulse width <=100
µs
Wavelength
λ (nm)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C )
Forward voltage V F (V)
GL560/GL561
Fig. 2 Peak Forward Current vs. Duty Ratio



Html Pages

1 2 3