Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESS-36-RGB-SD Fiches technique(PDF) 2 Page - Dialight Corporation

No de pièce ESS-36-RGB-SD
Description  ES Series RGB LED Luminaire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALIGHT [Dialight Corporation]
Site Internet  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

ESS-36-RGB-SD Fiches technique(HTML) 2 Page - Dialight Corporation

  ESS-36-RGB-SD Datasheet HTML 1Page - Dialight Corporation ESS-36-RGB-SD Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dialight.com
MDEXESTEMORGB_A
2
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEXESTEMORGB.pdf
Series LED Fixture
Cables and Accessories
Typical Wiring Examples
Accesory Code
Description
CAB-FX8S-3
3 metre Molex to Buccaneer cable connects to ESS Fixture
CABX-8S-8P-(5,10,20) 5,10 or 20 Metre IP67 Extension Cable
CAB-INFX8S-3
3 metre Molex to Buccaneer cable connects to CABX Extension cables
B8-JB-3
IP67 Junction B8-JB-3 Block 1 in 3 out
B8-JB-C
IP67 Junction Block Common Connector
CABX-8S-8P-5
CABX-8S-8P-10
CABX-8S-8P-20
IP Connector
B8-JB3
B8-JB-C
CAB-FX8S-3
Used in spare
output if only 2
are used.
DMX Input 1
DMX Input 2
Colourdriver 36



Html Pages

1 2