| Moteur de recherche de fiches techniques de composants électroniques |
|
3EC8 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
3EC8 Fiches technique(HTML) 2 Page - Tyco Electronics |
|
2 / 3 page ![]() 142 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. Corcom Product Guide Catalog: 1654001 Issue Date: 06.2011 For email, phone or live chat, please go to te.com/help corcom.com EC Series High Performance EMI Power Inlet Filter (continued) GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord Accessories FA601: Insulating Shroud Dia. .413 10.5 Dia. .271 6.9 1.39 35.4 .118 3.0 1.17 29.7 .767 19.5 Case Styles EC1 A D B C E EC2 D E A C B .65 16.5 Max. EC4 C A F F B D E EC8 C A F F B Brown Green/Yellow Blue DE Recommended Panel Cutouts .140 3.56 .062 1.58 .820 20.8 R. Typ. 1.200 30.48 1.575 40.01 .140 3.56 .234 5.94 .900 22.9 1.200 30.48 1.575 40.01 Front Mount Back Mount R. Typ. Tolerances ± .005 [0.13] unless otherwise noted Part No. A B CD E F EC1 EC2 EC4 EC8 Case Dimensions |