Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6EC2 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 6EC2
Description  High Performance EMI Power Inlet Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

6EC2 Fiches technique(HTML) 2 Page - Tyco Electronics

  6EC2 Datasheet HTML 1Page - Tyco Electronics 6EC2 Datasheet HTML 2Page - Tyco Electronics 6EC2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
142
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EC Series
High Performance EMI Power Inlet Filter (continued)
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
FA601: Insulating Shroud
Dia.
.413
10.5
Dia.
.271
6.9
1.39
35.4
.118
3.0
1.17
29.7
.767
19.5
Case Styles
EC1
A
D
B
C
E
EC2
D
E
A
C
B
.65
16.5
Max.






EC4
C
A
F
F
B
D
E



 
 
EC8
C
A
F
F
B
Brown
Green/Yellow
Blue
DE
Recommended Panel Cutouts
.140
3.56
.062
1.58
.820
20.8
R.
Typ.
1.200
30.48
1.575
40.01
.140
3.56
.234
5.94
.900
22.9
1.200
30.48
1.575
40.01
Front Mount
Back Mount
R.
Typ.
Tolerances ± .005 [0.13] unless otherwise noted




Part
No.
A
B
CD
E
F







EC1










EC2










EC4












EC8












Case Dimensions



Html Pages

1 2 3