| Moteur de recherche de fiches techniques de composants électroniques |
|
UM603A-S08-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UM603A-S08-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() UM603/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R105-031.D ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATING UNIT Supply Voltage VCC 36 V Differential Input Voltage VI(DIFF) 36 V Input Voltage VIN -0.3 ~ +36 V Junction Temperature TJ +125 °C Operating Temperature TOPR -55 ~ +125 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATING UNIT SOP-8 175 Thermal Resistance Junction to Ambient TSSOP-8 θJA 120 °C/W ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS MIN TYP. MAX UNIT VCC +=5V, no load, TMIN≤Ta≤TMAX 0.7 1.2 Total Supply Current, excluding Current in the Voltage Reference ICC VCC +=30V, no load, TMIN≤Ta≤TMAX 2 mA VCC+=+5V, VCC=Ground, Ta=25°C (unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OPERATOR1 (op-amp with non-inverting input connected to the internal VREF) UM603A VI(CM)=0V Ta=25°C TMIN≤Ta≤TMAX 0.5 2 3 mV Input Offset Voltage UM603 VI(OFF) VI(CM)=0V Ta=25°C TMIN≤Ta≤TMAX 1 4 5 mV Input Offset Voltage Drift DVI(OFF) 7 μV/ °C Input Bias Current II(BIAS) negative input 20 nA Large Signal Voltage Gain Avd VI(CM)=0V VCC=15V, RL=2k 100 V/mV Supply Voltage Rejection Ratio SVR Vi(CM)=0V VCC=5V ~30V 65 100 dB Output Current Source ISOURCE VOUT=2V VCC=+15V, Vid=+1V 20 40 mA Short Circuit to Ground ISC VCC =+15V 40 60 mA Output Current Sink ISINK Vid=-1V, VCC=+15V, VOUT=2V 10 20 mA High Level Output Voltage VOH VCC+=30V Ta=25 , ℃ RL=10k TMIN≤Ta≤TMAX 27 27 28 V Low Level Output Voltage VOL RL=10k TMIN≤Ta≤TMAX 5 20 20 mV Slew Rate at Unity Gain SR VIN=0.5 ~ 3V, VCC=15V RL=2k, CL=100pF, unity gain 0.2 0.4 V/μs Gain Bandwidth Product GBP VCC=30V, RL=2K, CL=100pF f=100kHz, VIN=10mV 0.5 0.9 MHz Total Harmonic Distortion THD f=1kHz Av=20dB, RL=2k, VCC=30V CL=100pF, VOUT=2VPP 0.02 % |