| Moteur de recherche de fiches techniques de composants électroniques |
|
UC3848L-S08-R Fiches technique(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UC3848L-S08-R Fiches technique(HTML) 8 Page - Unisonic Technologies |
|
8 / 11 page ![]() UC3848 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 8 of 11 www.unisonic.com.tw QW-R103-033.F FUNCTIONAL DESCRIPTION(Cont.) (7)Protection section (Cont.) OLP After soft-start phase end, IC will shutdown driver if over load state occurs for continual TD-OLP. OLP function will not inactive during soft-start phase. OLP case as followed FIG. 6. The test circuit as followed FIG.8. TD-OLP=5.53×TSS. OVP There are two kinds of OVP circuits, the first OVP function are enabled only when VSS<VSS (DEACT) & VFB>VFB(OLP) during soft-start phase. During above condition, driver will be shutdown if over voltage state occurs (VCC>VOVP1) for continual a blanking time. The first OVP function will not inactive after soft-start phase. The second OVP will shutdown the switching of the power MOSFET whenever VCC>VOVP2. The first OVP case as followed FIG.7. The test circuit as followed FIG. 9. FIG.6 OLP case FIG.7 OVP case FIG.8 OLP test circuit FIG.9 OVP test circuit |