Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL432G-S08-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce TL432G-S08-R
Description  1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL432G-S08-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  TL432G-S08-R Datasheet HTML 1Page - Unisonic Technologies TL432G-S08-R Datasheet HTML 2Page - Unisonic Technologies TL432G-S08-R Datasheet HTML 3Page - Unisonic Technologies TL432G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL432
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R103-009.Na
MARKING INFORMATION
PACKAGE
MARKING
SOT-23
432
1
2
3
L: Lead Free
G: Halogen Free
SOT-25
5
4
3
432
21
L: Lead Free
G: Halogen Free



Html Pages

1 2 3 4