Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1660 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce SC1660
Description  SWITCHED CAPACITOR VOLTAGE CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1660 Fiches technique(HTML) 2 Page - Semtech Corporation

  SC1660 Datasheet HTML 1Page - Semtech Corporation SC1660 Datasheet HTML 2Page - Semtech Corporation SC1660 Datasheet HTML 3Page - Semtech Corporation SC1660 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SWITCHED CAPACITOR
VOLTAGE CONVERTER
SC1660
January 30, 1998
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, T
A = 25°C, V
+ = 5V, OSC = free running
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
V
+
R
L=∞
1.5
9
V
Supply Current
I
S
R
L=∞
35
70
µA
Output Resistance
R
OUT
I
L=20mA, fOSC = 10kHz
45
90
Ω
Oscillator Frequency
Pin 1=V
+
f
OSC
R
L=∞
10
50
kHz
Efficiency
η
R
L = 5K, fOSC = 10kHz
96
98
%
Voltage Conversion
Efficiency
η
VOUT
R
L=∞
98
99.9
%
TYPICAL APPLICATIONS
• Negative Voltage Converter
Figure 1 shows a typical connection which will
provide a negative supply from an available posi-
tive supply without the need for any external
diodes. The LV pin should be connected to ground
for V
+
≤ 3V; for V+ > 3V it may be left floating.
• Voltage Doubling
Figure 2 shows a method of voltage doubling.
Doubling is achieved by simply rearranging the
connection of the two external capacitors. An
external 500k
Ω resistor is required to ensure the
oscillator will start.
• Ultra Precision Voltage Divider
An ultra precision voltage divider is shown in Fig-
ure 3. To achieve the 0.0002% accuracy indicated,
the load current should be kept below 100nA.
However, with a slight loss in accuracy, the load
current can be increased.
• Battery Splitter
A common need in many systems is to obtain
positive and negative supplies from a single battery
or power supply system. Where current require-
ments are small, the circuit shown in Figure 4 is a
simple solution.



Html Pages

1 2 3 4