| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1650 Fiches technique(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1650 Fiches technique(HTML) 2 Page - Semtech Corporation |
|
2 / 4 page ![]() © 1997 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 HIGH-VOLTAGE INVERTING DC-DC CONVERTER SC1650 January 29, 1998 ELECTRICAL CHARACTERISTICS Unless otherwise specified, T A = 25°C, V + = 13V Test Conditions Test Limits Parameter Min Typ Max Units Input Voltage 4 24 V Switch Off Current V FB = -50mV 100 200 µA Shutdown Mode Current 8 20 µA V REF Voltage I SOURCE=250µA 1.16 1.22 1.28 V V REF Source Current 250 µA DLOW “ON Resistance” 15 Ω DHI “ON Resisance” 10 Ω CL Threshold 45 60 75 mV Shutdown Threshold 0.8 1.5 2.4 V TYPICAL PERFORMANCE CHARACTERISTICS TYPICAL APPLICATION CIRCUIT |