| Moteur de recherche de fiches techniques de composants électroniques |
|
P1886G-S08-R Fiches technique(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
P1886G-S08-R Fiches technique(HTML) 5 Page - Unisonic Technologies |
|
5 / 8 page ![]() P1886 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 8 www.unisonic.com.tw QW-R103-042.C FUNCTION DESCRIPTION PWM Control The UTC P1886 consists of DC/DC converters which employ a PWM system. In this DC/DC converter, the pulse width varies in a range from 0 to 100% which is according to the load current. Cause the switching frequency remains constant the ripple voltage which produced by the switching can be removed easily through a filter. Therefore, these converters provide a low-ripple power over broad ranges of input voltage and load current. |