| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1406TS Fiches technique(PDF) 4 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1406TS Fiches technique(HTML) 4 Page - Semtech Corporation |
|
4 / 11 page ![]() SC1406 © 1999 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 PORTABLE PENTIUM ® II & III POWER SUPPLY CONTROLLER PRELIMINARY - August 27, 1999 4 Pentium is a registered trademark of Intel Corporation ELECTRICAL CHARACTERISTICS (CONT.) Unless specified: -0 < T A < 100°C; VCC = 3.3V (See test circuit) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS CORE CONVERTER CONTROLLER Core Converter Soft Start Current Core Converter Soft Start Current I SSCORE Charge (Source) current 0.6 1 1.45 µA Discharge (Sink) current 0.30 1 mA V SSCORE Soft Start Termination Threshold V SSTERM 1.53 1.70 1.87 V V SSCORE Discharge Threshold V SSDIS 150 400 mV VID DAC VID Input Threshold V VID_IH 3.0V < V CC < 3.6V 0.7*V CC V V VID_IL 0.8 VID Input-Pull-up Current,VID (0-4) I VID VID (0-4) = 00000...11111 6 40 µA Output Voltage Accuracy V DAC_ERR I DAC = 0, VID(0-4) = 00000...11111 -0.85 +0.85 % Settling Time* t pdVID_DAC C DAC = 1000pF VID is set to change VCORE from 1.30V to 1.45V or 1.45V to 1.30V 35 µs CORE Comparator (CMP, CMPREF, HYS, CO) Input Bias Current I BCMP V CMP = VCMPREF = 1.3V ±2 µA Input Offset Voltage V CPM- VCPMREF V CMPREF = 1.3V ±1.5 ±3 mV Hysteresis Setting Current R HYS = open +2 I CMPREF R HYS = 17kΩ ±89 +100 +111 µA R HYS = 170kΩ +8+10 +12.5 Output Voltage V HCO CMP<CMPREF Load Impedance = 100k in parallel with 10pF, V CC = 3.0V 2.5 V V LCO CMP>CMPREF Load Impedance = 100k in parallel with 10pF, V CC = 3.6V 0.4 V Propagation Delay Time** Measured at device pins, from the trip point to 50% of CO transition. T pd CMP-CO V CMPREF = 1.3V ∆ VCMP = +40mV step with +20mV, overdrive T A = 25°C, T A = full range 20 30 ns V CMPREF = 1.3V ∆ VCMP = 40mV step with 20mV overdrive, T A = 25°C, T A = full range 20 30 Output Rise/Fall Times** Measured between 30% and 70% points of CO transition T R C CO = 10pF V CC = 3.0V 710 ns T F R CO = 100K 710 |