| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8FS040 Fiches technique(PDF) 33 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS040 Fiches technique(HTML) 33 Page - Zilog, Inc. |
|
33 / 56 page ![]() ZMOTION TM Detection and Control Family Product Specification PS028506-1110 PRELIMINARY 28 Advanced API Register Set The following registers are for advanced configuration of the PIR engine. They include customization for lens and pyroelectric sensor configurations. These registers are not initialized by the PIR engine. API Advanced Register Name Address Mnemonic Description PIR Advanced Status/Control Register 0 F0h ePIR_ASC0 EM noise and MD origin status PIR Advanced Status/Control Register 2 F2h ePIR_ASC2 Window Size, Lock Level, and Window Update Rate PIR Process Rate F3h/F4h ePIR_Process_Rate Relative Processing available to PIR engine PIR Sample Size Register F5h ePIR_Sample_Size Controls amount of sensor signal averaging PIR Debounce Time Register F6h ePIR_Debounce_Time Controls time to Debounce motion signal PIR Debounce Batch Size Register F7h ePIR_Debounce_Batch Controls out of window samples needed for Debounce PIR Transient Sensitivity Level F8h ePIR_Transient_Sense Sets PIR engine sensitivity to transient detection PIR Noise Sensitivity Level F9h ePIR_Noise_Sense Sets PIR engine sensitivity to noise detection PIR Signal FAh/FBh ePIR_Signal Current Pyro Sensor signal sample PIR Pyro DC Signal Level FCh/FDh ePIR_Signal_DC Current calculated Pyro Sensor DC offset Table 7 - PIR Engine Advanced Registers |