Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3525L-S14-R Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce S3525L-S14-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3525L-S14-R Fiches technique(HTML) 8 Page - Unisonic Technologies

  S3525L-S14-R Datasheet HTML 1Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 2Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 3Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 4Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 5Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 6Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 7Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 8Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
S3525
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-105.B
TYPICAL TIMMING DIAGRAM
1) PGI (UNDER-VOLTAGE):
2) V33, V5, V12A, V12B (UNDER-VOLTAGE) or IS33, IS5, IS12AB (OVER-CURRENT):
PSONB
FPOB
PGO
V33/V5/V12
IS33/IS5/IS12
tPG+tg1
tUVP2+ tg2
tUVP2 = 300ms
PGI
t(PSONB ON)
t(PSONB ON)
tPSOFF
t(PSONB OFF)



Html Pages

1 2 3 4 5 6 7 8 9