Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1155CSW Fiches technique(PDF) 12 Page - Semtech Corporation

No de pièce SC1155CSW
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155CSW Fiches technique(HTML) 12 Page - Semtech Corporation

Back Button SC1155CSW Datasheet HTML 8Page - Semtech Corporation SC1155CSW Datasheet HTML 9Page - Semtech Corporation SC1155CSW Datasheet HTML 10Page - Semtech Corporation SC1155CSW Datasheet HTML 11Page - Semtech Corporation SC1155CSW Datasheet HTML 12Page - Semtech Corporation SC1155CSW Datasheet HTML 13Page - Semtech Corporation SC1155CSW Datasheet HTML 14Page - Semtech Corporation SC1155CSW Datasheet HTML 15Page - Semtech Corporation SC1155CSW Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
SC1155
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
WITH VRM 9.0 VID RANGE
© 2000 SEMTECH CORP.
PRELIMINARY - August 7, 2000
12
NOTE:
(1) If the VID bits are set to 11111, then the high-side and the low-side driver outputs will be set low, turning both
MOSFETs off, and the controller will be set to a low-Iq state.
OUTPUT VOLTAGE TABLE
0 = VSS; 1 = OPEN
VID4
VID3
VID2
VID1
VID0
VDC
(V)
1
1
1
1
1
Output Off
1
1
1101.1
1
1
1
0
1
1.125
1
1
1
0
0
1.15
1
1
0
1
1
1.175
1
1
0101.2
1
1
0
0
1
1.225
1
1
0
0
0
1.250
1
0
1
1
1
1.275
1
0
1101.3
1
0
1
0
1
1.325
1
0
1
0
0
1.35
1
0
0
1
1
1.375
1
0
0101.4
1
0
0
0
1
1.425
1
0
0
0
0
1.45
0
1
1
1
1
1.475
0
1
1101.5
0
1
1
0
1
1.525
0
1
1
0
0
1.55
0
1
0
1
1
1.575
0
1
0101.6
0
1
0
0
1
1.625
0
1
0
0
0
1.65
0
0
1
1
1
1.675
0
0
1101.7
0
0
1
0
1
1.725
0
0
1
0
0
1.75
0
0
0
1
1
1.775
0
0
0101.8
0
0
0
0
1
1.825
0
0
0
0
0
1.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19