Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC1146CSW.TR Fiches technique(PDF) 10 Page - Semtech Corporation

No de pièce SC1146CSW.TR
Description  VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1146CSW.TR Fiches technique(HTML) 10 Page - Semtech Corporation

Back Button SC1146CSW.TR Datasheet HTML 2Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 3Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 4Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 5Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 6Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 7Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 8Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 9Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
VRM9.0 PROGRAMMABLE, MULTI-PHASE,
HIGH PERFORMANCE PWM CONTROLLER
SC1146
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
July 25, 2000
10
The SC1146 is patent pending
OUTLINE DRAWING - SO-24
JEDEC MS-013AD
B17104B
An evaluation board is available which may be ordered directly from the factory. SC1146/1405EVB is a DC/DC
converter utilizing the SC1146 four-phase controller in a high current synchronous application. The evaluation
board is intended as a guideline for board design, layout and to assess key performance parameters, such as tran-
sient response, thermal stress management and input and output ripple considerations. The SC1146EVB includes
a DIP switch for mode/voltage selection as well as qualified selection of components for the SC1146 operation.
The SC1144EVB user manual contains useful general applications information applicable to SC1146 and may be
accessed from our website at www.semtech.com.
ECN00-1215



Html Pages

1 2 3 4 5 6 7 8 9 10