| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP103CYFFR Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP103CYFFR Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 23 page ![]() Frame1Two-WireMDAWriteAddressByte Frame2PointerRegisterByte 0 StartBy Master ACKBy TMP103 (1) ACKBy TMP103 (1) Frame3Two-WireMDAReadAddressByte Frame4DataByteReadRegister StartBy Master ACKBy TMP103 (1) ACKBy Master (2) From TMP103A (3) 1 9 1 9 1 9 1 9 SDA SCL 0 0 0 R/W 0 0 0 0 0 0 P1 P0 ¼ ¼ ¼ SDA (Continued) SCL (Continued) SDA (Continued) SCL (Continued) 0 0 0 0 0 0 0 0 0 0 R/W D7 D6 D5 D4 D3 D2 D1 D0 Frame5DataByteReadRegister StopBy Master ACKBy Master (2) From TMP103B (3) 1 9 D7 D6 D5 D4 D3 D2 D1 D0 StopBy Master Frame6DataByteReadRegister StopBy Master ACKBy Master (2) From TMP103C (3) 1 9 D7 D6 D5 D4 D3 D2 D1 D0 TMP103 www.ti.com SBOS545A – FEBRUARY 2011 – REVISED MARCH 2011 (1) All TMP103 devices on the bus acknowledge the byte. (2) The master must issue an acknowledge for each byte read in order to read all of the TMP103 devices on the bus. (3) Three TMP103 devices used in this case; up to eight devices can be used (see Table 9). Figure 15. Two-Wire Timing Diagram MDA Read Word Format Using Typical Application (Front Page) Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Link(s): TMP103 |