| Moteur de recherche de fiches techniques de composants électroniques |
|
SC1102CSTR Fiches technique(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1102CSTR Fiches technique(HTML) 1 Page - Semtech Corporation |
|
1 / 10 page ![]() SC1102 SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS © 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 September 5, 2000 1 DESCRIPTION The SC1102 is a low-cost, full featured, synchronous voltage-mode controller designed for use in single ended power supply applications where efficiency is of primary concern. Synchronous operation allows for the elimination of heat sinks in many applications. The SC1102 is ideal for implementing DC/DC converters needed to power advanced microprocessors in low cost systems, or in distributed power applications where efficiency is important. Internal level-shift, high- side drive circuitry, and preset shoot-thru control, al- lows the use of inexpensive N-channel power switches. SC1102 features include temperature compensated voltage reference, triangle wave oscillator and current sense comparator circuitry. Power good signaling, shutdown, and over voltage protection are also pro- vided. The SC1102 operates at a fixed 200kHz, providing an optimum compromise between efficiency, external component size, and cost. FEATURES • 1.265V Reference available • Synchronous operation • Over current fault monitor • On-chip power good and OVP functions • Small size with minimum external components • Soft Start • R DS(ON) Current sensing APPLICATIONS • Microprocessor core supply • Low cost synchronous applications • Voltage Regulator Modules (VRM) TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com DEVICE (1) PACKAGE TEMP. RANGE (T J) SC1102CSTR SO-14 0 - 125°C SC1102EVB Evaluation Board ORDERING INFORMATION Note: (1) Only available in tape and reel packaging. A reel contains 2500 devices. APPLICATION CIRCUIT Figure 1. Typical Distributed Power Supply VCC 1 PWRGD 2 OVP 3 OCSET 4 PHASE 5 DRVH 6 PGND 7 DRVL 8 BSTL 9 BSTH 10 SENSE 11 VREF 12 SS/SHDN 13 GND 14 U1 SC1102 Q1 STP40NE Q2 STP40NE R5 3.9 L1 2uH C9 180/4V C10 180/4V C11 180/4V C12 180/4V C7 680/6.3V C6 680/6.3V R1 1k R3 1k C2 0.1 C3 0.1 C1 0.1 R2 PWRGD OVP SHDN VREF + _ + _ Vin 5V Vout=2.5V* R7 127 R8 124* NOTE: *) Vout = 1.265 x (1+R8/R7) +5V D1 MBR0520 R6 2.2 C4 1.0 C5 10.0 C8 680/6.3V R4 10 +12V C13 180/4V |
Numéro de pièce similaire - SC1102CSTR |
|
Description similaire - SC1102CSTR |