Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2012IPWR Fiches technique(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2012IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPWR Fiches technique(HTML) 84 Page - Texas Instruments

Back Button MSP430F2012IPWR Datasheet HTML 80Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 81Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 82Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 83Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 84Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 85Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 86Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 87Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
MSP430F2011IRSAR
QFN
RSA
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2011IRSAT
QFN
RSA
16
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2011TPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
MSP430F2011TRSAR
QFN
RSA
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2011TRSAT
QFN
RSA
16
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2012IPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
MSP430F2012IRSAR
QFN
RSA
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2012IRSAT
QFN
RSA
16
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2012TPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
MSP430F2012TRSAR
QFN
RSA
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2012TRSAT
QFN
RSA
16
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2013IPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
MSP430F2013IRSAR
QFN
RSA
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2013IRSAT
QFN
RSA
16
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2013TPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
MSP430F2013TRSAR
QFN
RSA
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
MSP430F2013TRSAT
QFN
RSA
16
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
*All dimensions are nominal
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Jun-2011
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91