| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2012IN Fiches technique(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2012IN Fiches technique(HTML) 53 Page - Texas Instruments |
|
53 / 91 page ![]() MSP430F20x3 MSP430F20x2 MSP430F20x1 www.ti.com SLAS491G – AUGUST 2005 – REVISED APRIL 2011 Table 20. Port P1 (P1.4 to P1.7) Pin Functions, MSP430F20x1 CONTROL BITS / SIGNALS(2) PIN NAME (P1.x) x FUNCTION(1) P1DIR.x P1SEL.x CAPD.x JTAG Mode P1.4(3) input/output 0/1 0 0 0 N/A 0 1 0 0 P1.4/SMCLK/CA4/TCK 4 SMCLK 1 1 0 0 CA4(4) X X 1 0 TCK(5) X X X 1 P1.5(3) input/output 0/1 0 0 0 N/A 0 1 0 0 P1.5/TA0/CA5/TMS 5 Timer_A2.TA0 1 1 0 0 CA5(4) X X 1 0 TMS(5) X X X 1 P1.6(3) input/output 0/1 0 0 0 N/A 0 1 0 0 P1.6/TA1/CA6/TDI 6 Timer_A2.TA1 1 1 0 0 CA6(4) X X 1 0 TDI(5) X X X 1 P1.7(3) input/output 0/1 0 0 0 N/A 0 1 0 0 P1.7/CAOUT/CA7/TDO/TDI 7 CAOUT 1 1 0 0 CA7(4) X X 1 0 TDO/TDI(5)(6) X X X 1 (1) N/A = Not available or not applicable (2) X = Don 't care (3) Default after reset (PUC/POR) (4) Setting the CAPD.x bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying analog signals. Selecting the CAx input pin to the comparator multiplexer with the P2CAx bits automatically disables the input buffer for that pin, regardless of the state of the associated CAPD.x bit. (5) In JTAG mode the internal pullup/down resistors are disabled. (6) Function controlled by JTAG Copyright © 2005–2011, Texas Instruments Incorporated 53 |