| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2002IPWR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPWR Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 91 page ![]() MSP430F20x3 MSP430F20x2 MSP430F20x1 SLAS491G – AUGUST 2005 – REVISED APRIL 2011 www.ti.com Typical applications include sensor systems that capture analog signals, convert them to digital values, and then process the data for display or for transmission to a host system. Stand alone RF sensor front end is another area of application. Table 1. Available Options(1) PACKAGED DEVICES(2) TA PLASTIC 14-PIN TSSOP (PW) PLASTIC 14-PIN DIP (N) PLASTIC 16-PIN QFN (RSA) MSP430F2001IPW MSP430F2001IN MSP430F2001IRSA MSP430F2011IPW MSP430F2011IN MSP430F2011IRSA MSP430F2002IPW MSP430F2002IN MSP430F2002IRSA -40 °C to 85°C MSP430F2012IPW MSP430F2012IN MSP430F2012IRSA MSP430F2003IPW MSP430F2003IN MSP430F2003IRSA MSP430F2013IPW MSP430F2013IN MSP430F2013IRSA MSP430F2001TPW MSP430F2001TN MSP430F2001TRSA MSP430F2011TPW MSP430F2011TN MSP430F2011TRSA MSP430F2002TPW MSP430F2002TN MSP430F2002TRSA -40 °C to 105°C MSP430F2012TPW MSP430F2012TN MSP430F2012TRSA MSP430F2003TPW MSP430F2003TN MSP430F2003TRSA MSP430F2013TPW MSP430F2013TN MSP430F2013TRSA (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 2 Copyright © 2005–2011, Texas Instruments Incorporated |