| Moteur de recherche de fiches techniques de composants électroniques |
|
MC4558G-P08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC4558G-P08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD MC4558 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 6 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R105-002.H DUAL OPERATIONAL AMPLIFIER DESCRIPTION The UTC MC4558 is a monolithic integrated circuit designed for dual operational amplifier. FEATURES * No frequency compensation required * No latch-up * Large common mode and differential voltage range * Parameter tracking over temperature range * Gain and phase match between amplifiers * Internally frequency compensated * Low noise input transistors ORDERING INFORMATION Ordering Number Normal Lead Free Plating Halogen Free Package Packing MC4558-D08-T MC4558L-D08-T MC4558G-D08-T DIP-8 Tube MC4558-P08-R MC4558L-P08-R MC4558G-P08-R TSSOP-8 Tape Reel MC4558-S08-T MC4558L-S08-T MC4558G-S08-T SOP-8 Tube MC4558-S08-R MC4558L-S08-R MC4558G-S08-R SOP-8 Tape Reel MC4558-G09-T MC4558L-G09-T MC4558G-G09-T SIP-9 Tube MC4558L-D08-T (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel, T: Tube (2) D08: DIP-8, P08:TSSOP-8, S08: SOP-8, G09: SIP-9 (3) L: Lead Free Plating, Blank: Pb/Sn, G: Halogen Free |
Numéro de pièce similaire - MC4558G-P08-R |
|
Description similaire - MC4558G-P08-R |