| Moteur de recherche de fiches techniques de composants électroniques |
|
MC1458G-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC1458G-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD MC1458 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 5 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R105-008,C DUAL OPERATIONAL AMPLIFIER DESCRIPTION The UTC MC1458 is a high performance dual operational amplifier. It is designed for a wide range of analog applications. The high gain and wide range of operating voltages provide superior performance in summing amplifier, voltage follower, integrator, active filter, function generator and general feed back applications. FEATURES * Low power consumption * Wide input voltage range * No latch-up * High gain * Short-circuit protection * Frequency compensation is unnecessary DIP-8 SOP-8 Lead-free: MC1458L Halogen-free:MC1458G ■ ORDERING INFORMATION Ordering Number Normal Lead Free Plating Halogen Free Package Packing MC1458-D08-T MC1458L-D08-T MC1458G-D08-T DIP-8 Tube MC1458-S08-R MC1458L-S08-R MC1458G-S08-R SOP-8 Tape Reel |
Numéro de pièce similaire - MC1458G-S08-R |
|
Description similaire - MC1458G-S08-R |