| Moteur de recherche de fiches techniques de composants électroniques |
|
3308L-S08-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
3308L-S08-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() 3308 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R105-012,F ABSOLUTE MAXIMUM RATINGS (Ta=25°C) PARAMETER SYMBOL RATINGS UNIT Supply Voltage V+ 15V / ±7.5V V Differential Input Voltage VI(DIFF) 15 V Input Voltage VIN -0.3 ~ +15 V Power Dissipation PD 300 mW Junction Temperature TJ +125 °C Operating Temperature TOPR -20~+85 °C Storage Temperature TSTG -40~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°C, V+=5V) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Offset Voltage VI(OFF) RS=0Ω 2 5 mV Input Offset Current II(OFF) 5 100 nA Input Bias Current II(BIAS) 100 500 nA Large Signal Voltage Gain GV RL=2KΩ 88 100 dB Input Common Voltage Range VI(COM) V +-2 V Maximum Output Voltage Swing 1 VOM1 RL≥2kΩ 3.5 V Maximum Output Voltage Swing 2 VOM2 IO=70mA 3.2 V Common Mode Rejection Ratio CMR 80 90 dB Supply Voltage Rejection Ratio SVR 80 90 dB Operating Current ICC RL= ∞ 3 4 5 mA Slew Rate SR 1.0 V/μs Unity Gain Bandwidth GB 1.3 MHz Operating Voltage Range V + 15 V |