| Moteur de recherche de fiches techniques de composants électroniques |
|
VVC2 Fiches technique(PDF) 4 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
VVC2 Fiches technique(HTML) 4 Page - Vectron International, Inc |
|
4 / 6 page ![]() VVC1, VVC2 Voltage Controlled Crystal Oscillator Vectron International 267 Lowell Rd, Hudson NH 03051 Tel: 1-88-VECTRON-1 e-mail: vectron@vectron.com A E C D B G F J L I K H Tape and Reel Table 2. Tape and Reel Dimensions (mm) Tape Dimensions Reel Dimensions # Per Product A B C D E F G H I J K L Reel VVC1/2 16 7.5 1.5 4 8 2 21 13 60 2 17 180 1000 Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Table 3. Absolute Maximum Ratings Parameter Symbol Ratings Unit Power Supply VDD 6 Vdc Storage Temperature Tstorage -55/125 °C Voltage Control Range VC Gnd to VDD V |