| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8591P Fiches technique(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8591P Fiches technique(HTML) 20 Page - NXP Semiconductors |
|
20 / 28 page ![]() 2003 Jan 27 20 Philips Semiconductors Product specification 8-bit A/D and D/A converter PCF8591 15 APPLICATION INFORMATION Inputs must be connected to VSS or VDD when not in use. Analog inputs may also be connected to AGND or VREF. In order to prevent excessive ground and supply noise and to minimize cross-talk of the digital to analog signal paths the user has to design the printed-circuit board layout very carefully. Supply lines common to a PCF8591 device and noisy digital circuits and ground loops should be avoided. Decoupling capacitors (>10 µF) are recommended for power supply and reference voltage inputs. handbook, full pagewidth MBL839 I2C bus AIN0 AIN1 AIN2 AIN3 A0 A1 A2 AOUT VDD VSS VREF AGND EXT OSC SCL SDA VDD VDD VDD VDD VOUT +θ +θ V0 AIN0 AIN1 AIN2 AIN3 A0 A1 A2 AOUT VDD VSS VREF AGND EXT OSC SCL SDA VDD VDD VOUT V1 V2 V0 VDD PCF8591 PCF8591 MASTER TRANSMITTER ANALOGUE GROUND DIGITAL GROUND Fig.21 Application diagram. |