| Moteur de recherche de fiches techniques de composants électroniques |
|
YB216CWCKW01-5D-JS Fiches technique(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
YB216CWCKW01-5D-JS Fiches technique(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
3 / 8 page ![]() www.nkk.com Series YB2 www.nkk.com D117 D116 D D 22mm Panel Seal Pushbuttons D 6 F JB Super Bright LED 6B White 6F Green 6G Blue Bright LED LED Colors Resistor No Code No Resistor (not for Green) 05 5-volt 12 12-volt 24 24-volt 5C Red 5D Amber 5F Green Cap Color S Metallic Silver JB Clear/White CB Red/White EB Yellow/White FB Green/White Nonilluminated N No Lamp Cap Types & Colors LEDS TYPICAL SWITCH ORDERING EXAMPLE Lens/Diffuser Cap Colors JB Clear/White JS Metallic Silver Cap/Clear Ring Lens/Diffuser Colors JB Clear/White JS Metallic Silver Cap/Clear Ring CB Red/White EB Yellow/White FB Green/White LED & cap need to be the same color. Yellow cap pairs with amber LED to achieve amber illumination. Codes JB & JS may be combined with all LED colors. 1 C K 01 LED Cap with Clear Lens & White Diffuser With Panel Seal Silver Contacts with 3 Amp Rating Solder Lug/.110” (2.8mm) Quick Connect Terminals Green, Super Bright LED Black Bezel Round Black Housing SPDT ON-(ON) Circuit 5 DESCRIPTION FOR TYPICAL ORDERING EXAMPLE YB215CWCKW01-6F-JB W C W YB2 Poles 1 SPDT 2 DPDT Contact Point C Normally Open and Normally Closed Shape C Round Circuits 5 ON (ON) ( ) = Momentary 6 ON ON Alternate Action with Latchdown Panel Seal W With Panel Seal Bezel K Black S Metallic Silver Contact Materials & Ratings W Silver Rated 3A @ 125V AC G Gold Rated 0.4VA maximum @ 28V AC/DC maximum Terminals 01 Solder Lug/.110” (2.8mm) Quick Connect* IMPORTANT: Switches are supplied without cULus marking unless specified. Specific models & ratings noted on General Specifications page. * Wire harness & cable assemblies offered only in Americas |