Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8564ACX9-B-1 Fiches technique(PDF) 40 Page - NXP Semiconductors

No de pièce PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Fiches technique(HTML) 40 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 36Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 37Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 38Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 39Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 40Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 41Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 42Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 43Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
40 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
Device removal can be done when the substrate is heated until it is certain that all solder
joints are molten. The chip can then be carefully removed from the substrate without
damaging the tracks and solder lands on the substrate. Removing the device must be
done using plastic tweezers, because metal tweezers can damage the silicon. The
surface of the substrate should be carefully cleaned and all solder and flux residues
and/or underfill removed. When a new chip is placed on the substrate, use the flux
process instead of solder on the solder lands. Apply flux on the bumps at the chip side as
well as on the solder pads on the substrate. Place and align the new chip while viewing
with a microscope. To reflow the solder, use the solder profile shown in application note
AN10365 “Surface mount reflow soldering description”.
19.3.4 Cleaning
Cleaning can be done after reflow soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45