| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8564AU-5GC-1 Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564AU-5GC-1 Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 45 page ![]() PCF8564A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 30 September 2010 32 of 45 NXP Semiconductors PCF8564A Real time clock and calendar Table 31. Bonding pad description for all PCF8564AU types All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip; see Figure 27. Symbol Pad X ( μm) Y ( μm) Description OSCI 1 −523.0 689.4 oscillator input OSCO 2 −523.0 469.4 oscillator output INT 3 −523.0 −429.8 open-drain interrupt output (active LOW) VSS 4 −523.0 −684.4 ground (substrate) SDA 5 524.9 −523.8 serial data I/O SCL 6 524.9 −138.6 serial clock input CLKOUT 7 524.9 162.5 CMOS push-pull clock output VDD 8 524.9 443.3 supply CLKOE 9 524.9 716.3 CLKOUT output enable Fig 28. Bare die outline of PCF8564ACX9 References Outline version European projection Issue date IEC JEDEC JEITA PCF8564ACX9 pcf8564acx9_po 09-08-25 09-09-09 Unit mm max nom min 0.29 0.09 0.2 1.27 1.9 0.73 0.27 A Dimensions Note 1. Chip dimensions including sawline. 2. Marking code: PC8564A-1 WLCSP9: wafer level chip-size package; 9 bumps; 1.27 x 1.9 x 0.29 mm PCF8564ACX9 A1 A2 0.2 bD(1) E(1) ee1 0.45 e2 0 0.5 1 mm scale X e2 e1 e b D E (2) detail X A1 A2 A y 0,0 x |