| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8563P-F4 Fiches technique(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563P-F4 Fiches technique(HTML) 25 Page - NXP Semiconductors |
|
25 / 45 page ![]() PCF8563 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 9 — 16 June 2011 25 of 45 NXP Semiconductors PCF8563 Real-time clock/calendar 9.6 Interface watchdog timer During read/write operations, the time counting circuits are frozen. To prevent a situation where the accessing device becomes locked and does not clear the interface, the PCF8563 has a built in watchdog timer. Should the interface be active for more than 1 s from the time a valid slave address is transmitted, then the PCF8563 will automatically clear the interface and allow the time counting circuits to continue counting. The watchdog will trigger between 1 s and 2 s after receiving a valid slave address. Each time the watchdog period is exceeded, 1 s will be lost from the time counters. The watchdog is implemented to prevent the excessive loss of time due to interface access failure e.g. if main power is removed from a battery backed-up system during an interface access. a. Correct data transfer: read or write b. Incorrect data transfer; read or write Fig 22. Interface watchdog timer 013aaa420 SLAVE ADDRESS running time counters WD timer data WD timer tracking time counters frozen running DATA t < 1 s DATA STOP START 013aaa421 SLAVE ADDRESS running time counters WD timer data WD timer tracking time counters frozen running DATA 1 s < t < 2 s DATA START data transfer fail WD trips |