Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPLC-18 Fiches technique(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

No de pièce LPLC-18
Description  18W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPLC-18 Fiches technique(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPLC-18 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPLC-18 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
Unit:mm
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
0
10
20
30
40
50
70
20
40
60
80
100
(HORIZONTAL)
BlockDiagram
DETECTION
PWM
CIRCUIT
EMIFILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
50
18WSingleOutputSwitchingPowerSupply
L P L C - 1 8 series
18AWG1015
18AWG1015
INPUTVOLTAGE(VAC)60Hz
90
100
110
105
115
125
120
132
Ta=25
90
100
80
70
60
50
40
fosc:67KHz
RECTIFIERS
60
140
+V(Red)
-V(Black)
AC/N(Blue)
AC/L(Brown)
300 20
300 20
3.6
3.6
3.5
3.5
FileName:LPLC-18-SPEC2011-03-09



Html Pages

1 2