Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBRF1060CT Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce MBRF1060CT
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF1060CT Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  MBRF1060CT Datasheet HTML 1Page - KEC(Korea Electronics) MBRF1060CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 5. 13
2/2
MBRF1060CT
Revision No : 2
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
IF - TC
IF - TC
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
100
110
120
130
140
150
4.0
8.0
12
16
RATED VOLTAGE
R
=4.0 C/W
JC
DC
180
SQUARE WAVE
Θ
APPLIED
40
80
120
160
4
8
12
16
RATED VOLTAGE APPLIED
ΘJA
ΘJA
R
=16 C/W
R
=60 C/W
(NO HEAT SINK)
DC
DC
180
SQUARE
WAVE
0
0
0.001
0
0.2
0.5
0.4
0.6
0.8
1.0
1.2
1.0
3.0
5.0
10
30
50
20
40
60
0.01
0.1
1.0
10
100
2.0
4.0
6.0
8.0
2.0
4.0
10
12
SINE WAVE
180
SQUARE WAVE
DC
6.0
8.0
10
12
j
T =25 C
T =150 C
j
j
T =100 C
j
T =25 C



Html Pages

1 2