Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACS411CS Fiches technique(PDF) 29 Page - Semtech Corporation

No de pièce ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Fiches technique(HTML) 29 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 25Page - Semtech Corporation ACS411CS Datasheet HTML 26Page - Semtech Corporation ACS411CS Datasheet HTML 27Page - Semtech Corporation ACS411CS Datasheet HTML 28Page - Semtech Corporation ACS411CS Datasheet HTML 29Page - Semtech Corporation ACS411CS Datasheet HTML 30Page - Semtech Corporation ACS411CS Datasheet HTML 31Page - Semtech Corporation ACS411CS Datasheet HTML 32Page - Semtech Corporation ACS411CS Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
29
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
E3 Jitter specification
When configured for E3 operation, the Jitter Tolerance
performance exceeds that specified in ITU-T G.823.
Output Jitter Generation after band pass filtering 10
kHz to 800kHz.
Figure 19: E3 Jitter specifications.
E3 Jitter Tolerance
0.1
1
10
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
E3 Jitter Transfer
-60
-50
-40
-30
-20
-10
0
10
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43