Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLR0502 Fiches technique(PDF) 4 Page - Protek Devices

No de pièce PLR0502
Description  ultra low capacitance steering diode/TVS array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0502 Fiches technique(HTML) 4 Page - Protek Devices

  PLR0502 Datasheet HTML 1Page - Protek Devices PLR0502 Datasheet HTML 2Page - Protek Devices PLR0502 Datasheet HTML 3Page - Protek Devices PLR0502 Datasheet HTML 4Page - Protek Devices PLR0502 Datasheet HTML 5Page - Protek Devices PLR0502 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05245.R5 4/11
Page 4
PLR0502
sot-543 Package inFoRMation
outLine diMensions
diM
MiLLiMeteRs
inches
Min
MaX
Min
MaX
A
1.50
1.70
0.059
0.067
B
1.10
1.30
0.043
0.051
C
0.50
0.60
0.020
0.024
D
0.17
0.27
0.007
0.011
G
0.50 BSC
0.020 BSC
J
0.08
0.18
0.003
0.007
K
0.10
0.30
0.004
0.012
S
1.50
1.70
0.059
0.067
R
0.05
0.15
0.002
0.006
notes
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
4. Do not connect center stub.
Pad Layout diMensions
diM
MiLLiMeteRs
inches
noMinaL
noMinaL
A
1.02
0.040
B
1.20
0.048
C
0.30
0.012
D
0.51
0.020
notes
1. Controlling dimension: inches.
A
B
D
G
J
C
K
S
1
B
A
D
C
R



Html Pages

1 2 3 4 5 6