Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

587B062 Fiches technique(PDF) 3 Page - Protek Devices

No de pièce 587B062
Description  240v acpower line surge suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B062 Fiches technique(HTML) 3 Page - Protek Devices

  587B062 Datasheet HTML 1Page - Protek Devices 587B062 Datasheet HTML 2Page - Protek Devices 587B062 Datasheet HTML 3Page - Protek Devices 587B062 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05047.R5 2/11
Page 3
587B062 - 587B302
PacKage inFoRMation
outline DiMensions
DiM
MilliMeteRs
inches
Min
MaX
Min
MaX
A
76.2
3.00
B
76.2
3.00
C
88.15
89.65
3.47
3.53
D
100.85
102.35
3.82
3.88
E
36.83
39.37
1.45
1.55
F
-
15.2
-
0.6
G
4.29 DIA
0.169 DIA.
A
B
C
D
G
E
F
LINE IN
LINE OUT
NEUTRAL
GROUND
DEVICE
MARKING
oRDeRing inFoRMation
Base PaRt nuMBeR
(xx = voltage)
MaRKing
587Bxxx
Part Number, Date Code, Voltage, Logo, Current Rating, CSA Logo



Html Pages

1 2 3 4