| Moteur de recherche de fiches techniques de composants électroniques |
|
SCK08053L Fiches technique(PDF) 18 Page - Thinking Electronic Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
SCK08053L Fiches technique(HTML) 18 Page - Thinking Electronic Industrial Co.,Ltd |
|
18 / 19 page ![]() NTC Thermistor: : : :SCK Series Power Thermistor for Limiting Inrush Current THINKING ELECTRONIC INDUSTRIAL CO., LTD. 18 www.thinking.com.tw 2011.02 All specifications are subject to change without notice. Quantity Bulk Packing Reel Packing Ammo Packing Body Size/mm Standard Lead Type Quantity (pcs/bag) Cut Lead Type Quantity (pcs/bag) L kink Type Quantity (pcs/bag) Φ05 250 500 --- Φ08 250 250 200 Φ10 200 250 200 Φ13 100 200 100 Φ15 100 100 100 Φ20 500 (pcs/ box) 50 50 Φ25 168 (pcs/ box) 168 (pcs/ box) --- Φ30 168 (pcs/ box) 168 (pcs/ box) --- Body Size/mm D (mm) D1 (mm) W (mm) Quantity (pcs/reel) Φ05 40±1 2,500 Φ08 1,500 Φ10 1,500 Φ13 750 Φ15 750 Φ20 340±10 31±1 55±1 500 Body Size/mm Quantity (pcs/box) Φ05 1,000 Φ08 1,000 Φ10 1,000 Φ13 500 Φ13 500 Φ15 500 Φ20 500 Body Size W L H Φ5~Φ15 348 275 60 (Unit: mm) |