Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMF103MH Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SMF103MH
Description  1.0 Amp Surface Mount Silicon Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF103MH Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF103MH Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF103MH Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMF103MH Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMF101MH ~ SMF107MH
50 ~ 1000 V
1.0 Amp Surface Mount Silicon
Fast Recovery Rectifiers
Elektronische Bauelemente
03-Dec-2010 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
batter reverse leakage current and thermal resistance.
Low profile surface mounted application in order to optimize
board space.
Tiny plastic SMD package.
High current capability.
Fast switching for high efficiency.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirements.
Suffix “-H” indicates Halogen-free parts, ex. SMF101MH-H
MECHANICAL DATA
Epoxy:UL94-V0 rated flame retardant
Case:Molded plastic, SOD-123MH
Terminals:Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity:Indicated by cathode band
Mounting Position:Any
Weight:Approximated 0.011 gram
MARKING
Product
Marking Code
Product
Marking Code
SMF101MH
F1
SMF105MH
F5
SMF102MH
F2
SMF106MH
F6
SMF103MH
F3
SMF107MH
F7
SMF104MH
F4
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-123MH
3K
7’ inch
E
E
F
B
C
D
A
SOD-123MH
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.30
3.70
D
3.10 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
0.60
1.00
F
0.30 (TYP.)


Numéro de pièce similaire - SMF103MH

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMF103M SECOS-SMF103M Datasheet
61Kb / 3P
1 Amp Surface Mount Fast Recovery Rectifier
More results

Description similaire - SMF103MH

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SM4933 BYTES-SM4933 Datasheet
159Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933A BYTES-SM4933A Datasheet
164Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF101 BYTES-SMF101 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
SMF101 UNIOHM-SMF101 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
RS1A TSC-RS1A_11 Datasheet
195Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
DL4933 WINNERJOIN-DL4933 Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com