| Moteur de recherche de fiches techniques de composants électroniques |
|
IP140ASMD-15 Fiches technique(PDF) 5 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP140ASMD-15 Fiches technique(HTML) 5 Page - Seme LAB |
|
5 / 5 page ![]() IP140A SERIES IP140 SERIES IP7800A SERIES IP7800 SERIES LM140 SERIES Prelim.5/00 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk GN D VIN VOUT C1 * 0. 22 µF C2 * * IN PU T OU T PUT GN D VIN VOUT C1 0. 22 µF IN PU T OU T PUT R1 R2 R1 GN D VIN VOUT C1 * 0. 22 µF IN PU T OU T P U T IOUT Fixed Output Regulator * Required if the regulator is located far from the power supply. ** Although no output capacitor is needed for stability, it does help transient response.(If needed, use 0.1 mF ceramic disc) Current Regulator Adjustable Output Regulator APPLICATIONS INFORMATION Part K–Pack R–Pack G/IG–Pack SMD 1 Temp. Number (TO–3) (TO–66) (TO–257) Range IP7800A ✔✔✔✔ -55 to +150°C IP7800 ✔✔✔✔ ” IP140A ✔✔✔✔ ” IP140 ✔✔✔✔ ” LM140 ✔✔✔✔ ” Note: To order, add the package identifier to the part number. eg. IP7805AK IP140SMD-12 Order Information |