Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLAD30KP13 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce PLAD30KP13
Description  30kW Surface Mount Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PLAD30KP13 Fiches technique(HTML) 2 Page - Microsemi Corporation

  PLAD30KP13 Datasheet HTML 1Page - Microsemi Corporation PLAD30KP13 Datasheet HTML 2Page - Microsemi Corporation PLAD30KP13 Datasheet HTML 3Page - Microsemi Corporation PLAD30KP13 Datasheet HTML 4Page - Microsemi Corporation PLAD30KP13 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
30kW Surface Mount Transient
Voltage Suppressor
S C O T TS DALE DIVISION
PLAD30KP10 thru PLAD30KP400CA, e3
ELECTRICAL CHARACTERISTICS
MICROSEMI
PART NUMBER
(Note 2)
REVERSE
STAND-OFF
VOLTAGE
VWM
(Note 1)
VOLTS
BREAKDOWN
VOLTAGE
V(BR)
V(BR)
@
I(BR)
VOLTS
mA
MAXIMUM
CLAMPING
VOLTAGE
VC
@ IPP
VOLTS
MAXIMUM
STANDBY
CURRENT
ID
@ VWM
μA
MAXIMUM
PEAK PULSE
CURRENT
IPP (FIG. 3)
A
MAXIMUM
TEMPERATURE
COEFFICIENT
OF V(BR)
αV(BR)
mV/ ºC
PLAD30KP10
PLAD30KP10A
PLAD30KP11
PLAD30P11A
10
10
11
11
12.8– 14.6
12.8– 14.0
13.0 – 15.5
13.0 – 14.5
150
150
150
150
19.2
18.4
22.4
19.2
15,000
15,000
15,000
15,000
1560
1629
1490
1560
8.0
8.0
8.0
8.0
PLAD30KP12
PLAD30KP12A
PLAD30KP13
PLAD30KP13A
12
12
13
13
13.3 – 16.3
13.3 – 14.7
14.4 – 17.6
14.4 – 15.9
150
150
150
150
22.8
20.6
24.6
22.4
15,000
15,000
6000
6000
1317
1455
1221
1341
8.0
8.0
8.0
8.0
PLAD30KP14
PLAD30KP14A
PLAD30KP15
PLAD30KP15A
14
14
15
15
15.6 – 19.1
15.6 – 17.2
16.7 – 20.4
16.7 – 18.5
150
150
5
5
26.6
24.0
28.6
25.8
3000
3000
750
750
1134
1251
1350
1164
10
10
12
12
PLAD30KP16
PLAD30KP16A
PLAD30KP17
PLAD30KP17A
16
16
17
17
17.8 – 21.8
17.8 – 19.7
18.9 – 23.1
18.9 – 20.9
5
5
5
5
30.0
27.2
31.8
28.8
450
450
150
150
999
1101
942
1041
13
12
15
14
PLAD30KP18
PLAD30KP18A
PLAD30KP20
PLAD30KP20A
18
18
20
20
20.0 – 24.4
20.0 – 22.1
22.2 – 27.1
22.2 – 24.5
5
5
5
5
33.8
30.8
37.6
34.0
120
60
45
45
885
975
798
882
17
16
19
18
PLAD30KP22
PLAD30KP22A
PLAD30KP24
PLAD30KP24A
22
22
24
24
24.4 – 29.8
24.4 – 26.9
26.7 – 32.6
26.7 – 29.5
5
5
5
5
40.2
36.4
44.0
39.8
10
10
10
10
747
822
681
753
22
20
24
22
PLAD30KP26
PLAD30KP26A
PLAD30KP28
PLAD30KP28A
26
26
28
28
28.9 – 35.3
28.9 – 31.9
31.1 – 38.0
31.1 – 34.4
5
5
5
5
47.6
43.0
51.6
46.4
10
10
10
10
630
696
582
645
27
24
29
26
PLAD30KP30
PLAD30KP30A
PLAD30KP33
PLAD30KP33A
30
30
33
33
33.3 – 40.7
33.3 – 36.8
36.7 – 44.9
36.7 – 40.6
5
5
5
5
53.8
48.8
59.0
53.3
10
10
10
10
564
618
510
564
36
30
37
35
PLAD30KP36
PLAD30KP36A
PLAD30KP40
PLAD30KP40A
36
36
40
40
40.0 – 48.9
40.0 – 44.2
44.4 – 54.3
44.4 – 49.1
5
5
5
5
64.3
58.1
71.4
64.5
10
10
10
10
468
516
420
468
40
38
48
44
PLAD30KP43
PLAD30KP43A
PLAD30KP45
PLAD30KP45A
43
43
45
45
47.8 – 58.4
47.8 – 52.8
50.0 – 61.1
50.0 – 55.3
5
5
5
5
76.7
69.4
80.3
72.7
10
10
10
10
390
432
372
414
53
50
54
51
PLAD30KP48
PLAD30KP48A
PLAD30KP51
PLAD30KP51A
48
48
51
51
53.3 – 65.1
53.3 – 58.9
56.7 – 69.3
56.7 – 62.7
5
5
5
5
85.5
77.4
91.1
82.4
10
10
10
10
348
390
330
366
60
54
65
58
PLAD30KP54
PLAD30KP54A
PLAD30KP58
PLAD30KP58A
54
54
58
58
60.0 – 73.3
60.0 – 66.3
64.4 – 78.7
64.4 – 71.2
5
5
5
5
96.3
87.1
103.0
93.6
10
10
10
10
312
342
294
318
68
64
75
70
PLAD30KP60
PLAD30KP60A
PLAD30KP64
PLAD30KP64A
60
60
64
64
66.7 – 81.5
66.7 – 73.7
71.1 – 86.9
71.1 – 78.6
5
5
5
5
107.0
96.8
114.0
103.0
10
10
10
10
282
312
264
294
80
72
85
75
Microsemi
Scottsdale Division
Page 2
Copyright
© 2007
9-12-2007 Rev G
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3 4 5