| Moteur de recherche de fiches techniques de composants électroniques |
|
PD67108AM Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD67108AM Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 14 page ![]() PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM Data Sheet (Non-confidential) Copyright © 2009 Microsemi Page 2 Rev. 1.0 / 17-March-10 Analog Mixed Signal Group 2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308 Orde ring I n forma tion Part Number Ports Port Disconnect Method DIMM Master/Slave Mode Enhanced/Auto [3] PD67124MDC-gggg [1] 24 DC Master Enhanced PD67124S 24 AC/DC [4] Slave [2] Enhanced PD67112MDC-gggg 12 DC Master Enhanced PD67108MDC-gggg 8 DC Master Enhanced PD67124MAC-gggg 24 AC Master Enhanced PD67112MAC-gggg 12 AC Master Enhanced PD67108MAC-gggg 8 AC Master Enhanced PD67124AM 24 AC/DC [5] Master Auto PD67124AS 24 AC/DC [5] Slave [2] Auto PD67112AM 12 AC/DC [5] Master Auto PD67108AM 8 AC/DC [5] Master Auto Note : [1] – gggg: MCU software version. [2] – DIMM Slave should be used in conjunction with DIMM Master (for systems require more than 24 ports). [3] – Enhanced and Auto mode of operation stand for the PoE system features. The Enhanced mode system includes the PD69000 PoE controller. [4] – DIMM Slave port disconnection method is determined by the DIMM Master which controllers it. [5] – DIMM functioning at the Auto Mode Configuration can be configured to AC or DC port disconnection method by the system host. Further details can be found in the Auto Mode User Guide, Catalogue Number 06-1200-056. A PPLICAB LE D O CU MEN T S IEEE 802.3at-2009 standard, DTE Power via MDI PD69012 Data Sheet, Catalogue Number 06-0069-058 PD69000 Data Sheet, Catalogue Number 06-0070-058 Serial Communication Protocol User Guide 06-0032-056 Auto Mode User Guide, Catalogue Number 06-1200-056 Layout Design Guidelines for DIMM-based PoE Systems, AN-132 Catalogue Number 06-0010-080 Designing a DIMM-based PoE System, AN-133 Catalogue Number 06-0011-080 ♦ |