| Moteur de recherche de fiches techniques de composants électroniques |
|
PLAD30KP10 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PLAD30KP10 Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 5 page ![]() 30kW Surface Mount Transient Voltage Suppressor S C O T TS DALE DIVISION PLAD30KP10 thru PLAD30KP400CA, e3 ELECTRICAL CHARACTERISTICS MICROSEMI PART NUMBER (Note 2) REVERSE STAND-OFF VOLTAGE VWM (Note 1) VOLTS BREAKDOWN VOLTAGE V(BR) V(BR) @ I(BR) VOLTS mA MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS MAXIMUM STANDBY CURRENT ID @ VWM μA MAXIMUM PEAK PULSE CURRENT IPP (FIG. 3) A MAXIMUM TEMPERATURE COEFFICIENT OF V(BR) αV(BR) mV/ ºC PLAD30KP10 PLAD30KP10A PLAD30KP11 PLAD30P11A 10 10 11 11 12.8– 14.6 12.8– 14.0 13.0 – 15.5 13.0 – 14.5 150 150 150 150 19.2 18.4 22.4 19.2 15,000 15,000 15,000 15,000 1560 1629 1490 1560 8.0 8.0 8.0 8.0 PLAD30KP12 PLAD30KP12A PLAD30KP13 PLAD30KP13A 12 12 13 13 13.3 – 16.3 13.3 – 14.7 14.4 – 17.6 14.4 – 15.9 150 150 150 150 22.8 20.6 24.6 22.4 15,000 15,000 6000 6000 1317 1455 1221 1341 8.0 8.0 8.0 8.0 PLAD30KP14 PLAD30KP14A PLAD30KP15 PLAD30KP15A 14 14 15 15 15.6 – 19.1 15.6 – 17.2 16.7 – 20.4 16.7 – 18.5 150 150 5 5 26.6 24.0 28.6 25.8 3000 3000 750 750 1134 1251 1350 1164 10 10 12 12 PLAD30KP16 PLAD30KP16A PLAD30KP17 PLAD30KP17A 16 16 17 17 17.8 – 21.8 17.8 – 19.7 18.9 – 23.1 18.9 – 20.9 5 5 5 5 30.0 27.2 31.8 28.8 450 450 150 150 999 1101 942 1041 13 12 15 14 PLAD30KP18 PLAD30KP18A PLAD30KP20 PLAD30KP20A 18 18 20 20 20.0 – 24.4 20.0 – 22.1 22.2 – 27.1 22.2 – 24.5 5 5 5 5 33.8 30.8 37.6 34.0 120 60 45 45 885 975 798 882 17 16 19 18 PLAD30KP22 PLAD30KP22A PLAD30KP24 PLAD30KP24A 22 22 24 24 24.4 – 29.8 24.4 – 26.9 26.7 – 32.6 26.7 – 29.5 5 5 5 5 40.2 36.4 44.0 39.8 10 10 10 10 747 822 681 753 22 20 24 22 PLAD30KP26 PLAD30KP26A PLAD30KP28 PLAD30KP28A 26 26 28 28 28.9 – 35.3 28.9 – 31.9 31.1 – 38.0 31.1 – 34.4 5 5 5 5 47.6 43.0 51.6 46.4 10 10 10 10 630 696 582 645 27 24 29 26 PLAD30KP30 PLAD30KP30A PLAD30KP33 PLAD30KP33A 30 30 33 33 33.3 – 40.7 33.3 – 36.8 36.7 – 44.9 36.7 – 40.6 5 5 5 5 53.8 48.8 59.0 53.3 10 10 10 10 564 618 510 564 36 30 37 35 PLAD30KP36 PLAD30KP36A PLAD30KP40 PLAD30KP40A 36 36 40 40 40.0 – 48.9 40.0 – 44.2 44.4 – 54.3 44.4 – 49.1 5 5 5 5 64.3 58.1 71.4 64.5 10 10 10 10 468 516 420 468 40 38 48 44 PLAD30KP43 PLAD30KP43A PLAD30KP45 PLAD30KP45A 43 43 45 45 47.8 – 58.4 47.8 – 52.8 50.0 – 61.1 50.0 – 55.3 5 5 5 5 76.7 69.4 80.3 72.7 10 10 10 10 390 432 372 414 53 50 54 51 PLAD30KP48 PLAD30KP48A PLAD30KP51 PLAD30KP51A 48 48 51 51 53.3 – 65.1 53.3 – 58.9 56.7 – 69.3 56.7 – 62.7 5 5 5 5 85.5 77.4 91.1 82.4 10 10 10 10 348 390 330 366 60 54 65 58 PLAD30KP54 PLAD30KP54A PLAD30KP58 PLAD30KP58A 54 54 58 58 60.0 – 73.3 60.0 – 66.3 64.4 – 78.7 64.4 – 71.2 5 5 5 5 96.3 87.1 103.0 93.6 10 10 10 10 312 342 294 318 68 64 75 70 PLAD30KP60 PLAD30KP60A PLAD30KP64 PLAD30KP64A 60 60 64 64 66.7 – 81.5 66.7 – 73.7 71.1 – 86.9 71.1 – 78.6 5 5 5 5 107.0 96.8 114.0 103.0 10 10 10 10 282 312 264 294 80 72 85 75 Microsemi Scottsdale Division Page 2 Copyright © 2007 9-12-2007 Rev G 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |