Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP7915K Fiches technique(PDF) 5 Page - Seme LAB

No de pièce IP7915K
Description  1.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP7915K Fiches technique(HTML) 5 Page - Seme LAB

  IP7915K Datasheet HTML 1Page - Seme LAB IP7915K Datasheet HTML 2Page - Seme LAB IP7915K Datasheet HTML 3Page - Seme LAB IP7915K Datasheet HTML 4Page - Seme LAB IP7915K Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IP120A SERIES
IP120
SERIES
IP7900A SERIES
IP7900
SERIES
LM120
SERIES
Prelim. 2/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
GN D
VIN
VOUT
C1 *
2. 2
µF
TA N T .
C2 * *
1
µF
TA N T .
IN PU T
O U T PU T
GN D
VIN
VOUT
C1
2. 2
µF
TA N T .
IN PU T
O U T PU T
R1
R2
C2
1
µF
TA N T .
R1
GN D
VIN
VOUT
C1
2. 2
µF
TA N T .
IN PU T
OU T P U T
I
OUT
C2
1
µF
TA N T .
Fixed Output Regulator
*
Required if the regulator is located far from
the power supply.
** Required for stability. 25
mF electrolytic may
be substituted.
Current Regulator
Adjustable Output Regulator
APPLICATIONS INFORMATION
(R1+R2)
VOUT » VREG
R1
VREG
IOUT =
+ IQ
R1
Part
K–Pack
R–Pack
G/IG–Pack
SG–Pack
J–Pack
Temp.
Number
(TO–3)
(TO–66)
(TO–257)
SMD1
8 Pin Cerdip
Range
IP7900A
✔✔✔✔✔
-55 to +150°C
IP7900
✔✔✔✔✔
”
IP120A
✔✔✔✔✔
”
IP120
✔✔✔✔✔
”
LM120
✔✔✔✔✔
”
Note:
To order, add the
package identifier to the
part number.
eg.
IP7900AK
IP120SG
Order Information



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com